PART |
Description |
Maker |
700-DP7-M1-R-E-AP1-BLK-BLK 700-SP7-M1-R-E-AP1-BLK- |
PUSHBUTTON SWITCH, DPDT, MOMENTARY, PANEL MOUNT PUSHBUTTON SWITCH, SPDT, MOMENTARY, PANEL MOUNT PUSHBUTTON SWITCH, DPDT, MOMENTARY, 3A, 28VDC, PANEL MOUNT PUSHBUTTON SWITCH, SPDT, MOMENTARY, 3A, 28VDC, PANEL MOUNT
|
E-Switch, Inc.
|
TP33MW03000 TP32MW03000 TP42MW03000 TP33P083000 TP |
PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.02A, 20VDC, PANEL MOUNT PUSHBUTTON SWITCH, SPDT, MOMENTARY, 0.02A, 20VDC, PANEL MOUNT PUSHBUTTON SWITCH, DPDT, MOMENTARY, 0.02A, 20VDC, PANEL MOUNT PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.02A, 20VDC, THROUGH HOLE-STRAIGHT PUSHBUTTON SWITCH, SPDT, MOMENTARY, 0.5A, 48VDC, THROUGH HOLE-RIGHT ANGLE PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.5A, 48VDC, THROUGH HOLE-STRAIGHT
|
|
MDP-16EET3208G MDP-16EER2107G MDP-16EET2111G |
PUSHBUTTON SWITCH, DPDT, LATCHED, PANEL MOUNT PUSHBUTTON SWITCH, SPDT, LATCHED, PANEL MOUNT
|
KOA Speer Electronics,Inc. E-SWITCH
|
HP11D3SW221 HP11S1SW110 |
PUSHBUTTON SWITCH, MOMENTARY, 0.01A, 5VDC, PANEL MOUNT-THREADED Hall Effect Pushbutton Switch
|
C & K COMPONENTS INC C&K Components
|
8532MCGE2 8532J82ZBD22 8533J81ZBD22 8531TZBD2 |
PUSHBUTTON SWITCH, SPST, MOMENTARY, 1A, 28VDC, THROUGH HOLE-STRAIGHT ROHS COMPLIANT PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.02A, 20VDC, PANEL MOUNT-THREADED
|
C.K Components C & K COMPONENTS INC
|
CXG1040TN |
High Isolation DPDT Antenna Switch MMIC Used In Personal Communication Handset(高绝缘性、有吸收能力的双刀双掷天线开关微波集成电路(用于个人通信设备 High Isolation DPDT Switch From old datasheet system
|
SONY[Sony Corporation]
|
150C2206 |
Switch DPDT 3 MHz - 200 MHz RF/MICROWAVE DBL POLE DBL THROW SWITCH, 1.4 dB INSERTION LOSS DAICO Switches SPST, DPDT
|
DAICO[DAICO Industries, Inc.]
|
D16PLT200RED D16PLT20FREDRED D16PLT20GGRNRED D16PL |
PUSHBUTTON SWITCHES - ILLUMINATED PUSHBUTTON SWITCH, 3PDT, LATCHED, 6A, 24VDC, PANEL MOUNT PUSHBUTTON SWITCH, 4PDT, LATCHED, 6A, 24VDC, PANEL MOUNT PUSHBUTTON SWITCHES - ILLUMINATED
|
E-SWITCH http://
|
SP35S02007742 SP35WW8000044 |
PUSHBUTTON SWITCH, SPDT, LATCHED AND MOMENTARY, 1A, 30VDC, PANEL MOUNT-THREADED PUSHBUTTON SWITCH, SPDT, LATCHED AND MOMENTARY, 0.1A, 30VDC, THROUGH HOLE-RIGHT ANGLE
|
|
P1-31112W P1-72124 P1-72122 P1-72127 P1-11315W P1- |
PUSHBUTTON SWITCH, SPST, MOMENTARY-TACTILE, 10A, 28VDC, PANEL MOUNT-THREADED PUSHBUTTON SWITCH, SP3T, MOMENTARY-TACTILE, 10A, 28VDC, PANEL MOUNT PUSHBUTTON SWITCH, SP5T, LATCHED-TACTILE, 10A, 28VDC, PANEL MOUNT PUSHBUTTON SWITCH, SP3T, MOMENTARY-TACTILE, 10A, 28VDC, PANEL MOUNT-THREADED
|
OTTO ENGINEERING INC
|
M28C64-A25NS1T M28C64-A20MS1T M28C64-A20MS3T M28C6 |
64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection 64千位8K的8并行EEPROM,带有软件数据保 SWITCH, DPDT; Thread size:1/4 x 40UNS; Switch function type:DPDT On-On; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; Temp, op. RoHS Compliant: Yes SWITCH, DPDT, LOCKING; Thread size:1/4 x 40UNS; Switch function type:DPDT On-On; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; Temp, RoHS Compliant: Yes SWITCH, DPDT, BIASED; Thread size:1/4 x 40UNS; Switch function type:DPDT On-Mom; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; Temp, RoHS Compliant: Yes Toggle Switch; Circuitry:SPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Solder Lug; Leaded Process Compatible:Yes; Mounting Type:Solder Lug RoHS Compliant: Yes 64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
|
STMicroelectronics N.V. 意法半导
|
|